PART |
Description |
Maker |
VUM33-05N VUM33-05 IXYSCORP-VUM33-05N |
Power MOSFET Stage for Boost Converters 47 A, 500 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system Power Factor Correction Modules: MOSFET
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IRFR6215PBF IRFU6215PBF IRFR6215TR IRFR6215TRL IRF |
Advanced Process Technology HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 13 A, 150 V, 0.295 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA 175°C Operating Temperature
|
International Rectifier
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
MTP6N60EWC MTP6P20EW MTP6P20EWC MTP3N100E16 MTP3N1 |
6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6 A, 200 V, 1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 3 A, 1000 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 8 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 33 A, 100 V, 0.058 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4 A, 800 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 12 A, 60 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 50 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 20 A, 60 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
SI4410DYPBF SI4410DYTRPBF |
N-Channel MOSFET 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA LEAD FREE, SO-8 HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
Hypertronics, Corp. International Rectifier
|
IRFR120N IRFU120N IRFR IRFR120NTR IRFR120NTRL IRFR |
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A) (IRFR120N / IRFU120N) HEXFET Power MOSFET HEXFET® Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package 9.1 A, 100 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier]
|
IRLU8743PBF IRLR8743PBF |
160 A, 30 V, 0.0031 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
IRFBA22N50APBF |
24 A, 500 V, 0.23 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-273AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
IRFL4105 IRFL4105TR |
3.7 A, 55 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A) 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
APT50M75LLL APT50M75B2LL APT50M75B2LL_04 APT50M75B |
Power MOSFET; Package: T-MAX™ [B2]; ID (A): 57; RDS(on) (Ohms): 0.075; BVDSS (V): 500; 57 A, 500 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET POWER MOS 7 R MOSFET
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
IRFU120 IRFR120TR IRFU120TR |
HEXFET POWER MOSFET HEXFET功率MOSFET (IRFR120TR / IRFU120TR) HEXFET POWER MOSFET (IRFR120 / IRFU120) HEXFET POWER MOSFET HEXFET? Power MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
|